Part Number Hot Search : 
BAL99 MJ15024 AN5838 Z89371QF MAX204 A1720 TAIV1 85EPS08J
Product Description
Full Text Search
 

To Download DO3340P-153ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2009 specifications subject to change without notice. please check our website for latest information. smt power inductors C do3340p series document 171-1 document 171-1 revised 010/14/08 l dcr srf part 20% 2 max typ i sat 3 i rms 4 number 1 (h) (ohms) (mhz) (a) (a) do3340p-103ml_ 10 0.040 35 8.0 3.5 DO3340P-153ML_ 15 0.050 18 7.0 3.0 do3340p-223ml_ 22 0.066 13 5.5 2.5 do3340p-333ml_ 33 0.080 11 4.0 2.0 do3340p-473ml_ 47 0.110 9.0 3.8 1.6 do3340p-683ml_ 68 0.17 7.0 3.0 1.2 do3340p-104ml_ 100 0.22 5.5 2.5 1.2 do3340p-154ml_ 150 0.34 4.5 2.0 0.9 do3340p-224ml_ 220 0.44 3.5 1.6 0.7 do3340p-334ml_ 330 0.70 3.0 1.2 0.6 do3340p-474ml_ 470 0.95 2.5 1.0 0.3 do3340p-684ml_ 680 1.15 2.0 1.0 0.2 do3340p-105ml_ 1000 2.0 1.5 0.8 0.1 1. when ordering, please specify termination and packaging codes: do3316p-105m ld termination: l = rohs compliant gold over nickel over phos bronze. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d =13 machine-ready reel. eia-481 embossed plastic tape (225 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. dc current at which inductance drops 10% (typ) from its value without current. 4. current that causes a 20c temperature rise from 25c ambient 5. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. designer?s kit c310 contains 3 of each part core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant gold over nickel over phos bronze. other terminations available at additional cost. weight 1.8 ? 2.8 g ambient temperature ?40c to +85c with i rms current, +85c to +105c with derated current storage temperature component: ?40c to +105c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 225 per 13 reel plastic tape: 24 mm wide, 0.4 mm thick, 24 mm pocket spacing, 11.4 mm pocket depth pcb washing only pure water or alcohol recommended ? excellent current handling ? up to 3.5 arms with an 8 a saturation current rating for a 10 h part.
? coilcraft, inc. 2009 smt power inductors C do3340p series specifications subject to change without notice. please check our website for latest information. document 171-2 document 171-2 revised 10/14/08 typical l vs frequency typical l vs current 0.01 0.1 110 1 100 1000 10000 inductance (h) 0.01 0.1 110 10 frequency (mhz) 10 h 100 h 1000 h 1 10 100 1000 10000 0.1 1 10 100 current (a) inductance (h) 100 h 10 h 1000 h 0.510 12,95 max 0.370 9,40 max 0.100 2,54 0.300 7,62 0.100 2,54 0.450 11,43 recommended land pattern typ 0.115 2,92 0.405 10,29 0.110 2,79 max start finish internal code xxx x dash number 0.145 3,69 * * allow an additional 0.02/0,508 in width and 0.01/0,254 in height for optional tin-silver-copper application. tin-lead and * part marking since feb. 2005. parts manufactured prior to that date may have color dots. visit www.coilcraft.com/colrpowr.cfm for details. 0.333 8,47 irms derating -40 -20 0 20 40 60 80 100 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 percent of rated rms i 25c dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of DO3340P-153ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X